Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7779 Fiches technique(PDF) 66 Page - Analog Devices

No de pièce AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7779 Fiches technique(HTML) 66 Page - Analog Devices

Back Button AD7779 Datasheet HTML 62Page - Analog Devices AD7779 Datasheet HTML 63Page - Analog Devices AD7779 Datasheet HTML 64Page - Analog Devices AD7779 Datasheet HTML 65Page - Analog Devices AD7779 Datasheet HTML 66Page - Analog Devices AD7779 Datasheet HTML 67Page - Analog Devices AD7779 Datasheet HTML 68Page - Analog Devices AD7779 Datasheet HTML 69Page - Analog Devices AD7779 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 66 of 97
CHANNEL 2 SYNC OFFSET REGISTER
Address: 0x00B, Reset: 0x00, Name: CH2_SYNC_OFFSET
Channel Sync Offs et
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH2_SYNC_OFFSET (R/W)
Table 55. Bit Descriptions for CH2_SYNC_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH2_SYNC_OFFSET
Channel Sync Offset
0x0
R/W
CHANNEL 3 SYNC OFFSET REGISTER
Address: 0x00C, Reset: 0x00, Name: CH3_SYNC_OFFSET
Channel Sync Offs et
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH3_SYNC_OFFSET (R/W)
Table 56. Bit Descriptions for CH3_SYNC_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH3_SYNC_OFFSET
Channel Sync Offset
0x0
R/W
CHANNEL 4 SYNC OFFSET REGISTER
Address: 0x00D, Reset: 0x00, Name: CH4_SYNC_OFFSET
Channel Sync Offs et
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH4_SYNC_OFFSET (R/W)
Table 57. Bit Descriptions for CH4_SYNC_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH4_SYNC_OFFSET
Channel Sync Offset
0x0
R/W
CHANNEL 5 SYNC OFFSET REGISTER
Address: 0x00E, Reset: 0x00, Name: CH5_SYNC_OFFSET
Channel Sync Offs et
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH5_SYNC_OFFSET (R/W)
Table 58. Bit Descriptions for CH5_SYNC_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH5_SYNC_OFFSET
Channel Sync Offset
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97