| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7779 Fiches technique(PDF) 64 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7779 Fiches technique(HTML) 64 Page - Analog Devices |
|
64 / 97 page ![]() AD7779 Data Sheet Rev. 0 | Page 64 of 97 CHANNEL 6 CONFIGURATION REGISTER Address: 0x006, Reset: 0x00, Name: CH6_CONFIG AFE Gain 11: Gain 8. 10: Gain 4. 01: Gain 2. 00: Gain 1. Channel us ed as Reference m onitor Channel Meter Mux RX Mode 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:6] CH6_GAIN (R/W) [2:0] RESERVED [5] CH6_REF_MONITOR (R/W) [3] RESERVED [4] CH6_RX (R/W) Table 50. Bit Descriptions for CH6_CONFIG Bits Bit Name Settings Description Reset Access [7:6] CH6_GAIN AFE Gain 0x0 R/W 00 Gain 1 01 Gain 2 10 Gain 4 11 Gain 8 5 CH6_REF_MONITOR Channel Used as Reference Monitor 0x0 R/W 4 CH6_RX Channel Meter Mux Rx Mode 0x0 R/W [3:0] RESERVED Reserved 0x0 R/W CHANNEL 7 CONFIGURATION REGISTER Address: 0x007, Reset: 0x00, Name: CH7_CONFIG AFE Gain 11: Gain 8. 10: Gain 4. 01: Gain 2. 00: Gain 1. Channel us ed as Reference m onitor Channel Meter Mux RX Mode 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:6] CH7_GAIN (R/W) [2:0] RESERVED [5] CH7_REF_MONITOR (R/W) [3] RESERVED [4] CH7_RX (R/W) Table 51. Bit Descriptions for CH7_CONFIG Bits Bit Name Settings Description Reset Access [7:6] CH7_GAIN AFE Gain 0x0 R/W 00 Gain 1 01 Gain 2 10 Gain 4 11 Gain 8 5 CH7_REF_MONITOR Channel Used as Reference Monitor 0x0 R/W 4 CH7_RX Channel Meter Mux Rx Mode 0x0 R/W [3:0] RESERVED Reserved 0x0 R/W |