| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F587LD Fiches technique(PDF) 67 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F587LD Fiches technique(HTML) 67 Page - SPANSION |
|
67 / 177 page ![]() D at aS h ee t 64 MB91F587LA_DS705-00012-2v0-E, August 22, 2014 CONFIDENTIAL Address Address offset value/Register name Block +0 +1 +2 +3 00156CH SCR3/(IBCR3) [R/W] B,H,W 0--00000 SMR3[R/W] B,H,W 000000-0 SSR3[R/W] B,H,W 0--00011 ESCR3/(IBSR3) [R/W] B,H,W 00000000 Multi Function Serial I/F 3 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I2C mode is not set immediately after reset *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 001570H -/(RDR13/(TDR13))[R/W] H,W -------- -------- *3 RDR03/(TDR03)[R/W] B,H,W -------0 00000000 *1 001574H SACSR3[R/W] B,H,W 0----000 00000000 STMR3[R] B,H,W 00000000 00000000 001578H STMCR3[R/W] B,H,W 00000000 00000000 -/(SCSCR3/SFUR3) [R/W] B,H,W -------- -------- *3,*4 00157CH -/(SCSTR33) [R/W] B,H,W -------- *3 -/(SCSTR23) [R/W] B,H,W -------- *3 -/(SCSTR13/SFLR 13) [R/W] B,H,W -------- *3,*4 -/(SCSTR03/SFLR 03) [R/W] B,H,W -------- *3,*4 001580H - - - - 001584H - - - TBYTE03[R/W] B,H,W 00000000 001588H BGR3[R/W] H,W 00000000 00000000 -/(ISMK3)[R/W] B,H,W -------- *2 -/(ISBA3)[R/W] B,H,W -------- *2 00158CH FCR13[R/W] B,H,W 00-00100 FCR03[R/W] B,H,W -0000000 FBYTE23[R/W] B,H,W 00000000 FBYTE13[R/W] B,H,W 00000000 001590H SCR4/(IBCR4) [R/W] B,H,W 0--00000 SMR4[R/W] B,H,W 000000-0 SSR4[R/W] B,H,W 0--00011 ESCR4/(IBSR4) [R/W] B,H,W 00000000 Multi Function Serial I/F 4 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I2C mode is not set immediately after reset *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 001594H -/(RDR14/(TDR14))[R/W] H,W -------- -------- *3 RDR04/(TDR04)[R/W] B,H,W -------0 00000000 *1 001598H SACSR4[R/W] B,H,W 0----000 00000000 STMR4[R] B,H,W 00000000 00000000 00159CH STMCR4[R/W] B,H,W 00000000 00000000 -/(SCSCR4/SFUR4) [R/W] B,H,W -------- -------- *3,*4 0015A0H -/(SCSTR34) [R/W] B,H,W -------- *3 -/(SCSTR24) [R/W] B,H,W -------- *3 -/(SCSTR14/SFLR 14) [R/W] B,H,W -------- *3,*4 -/(SCSTR04/SFLR 04) [R/W] B,H,W -------- *3,*4 0015A4H - -/(SCSFR24)[R/W] B,H,W -------- *3 -/(SCSFR14)[R/W] B,H,W -------- *3 -/(SCSFR04)[R/W] B,H,W -------- *3 0015A8H -/(TBYTE34)[R/W] B,H,W -------- *3 -/(TBYTE24)[R/W] B,H,W -------- *3 -/(TBYTE14)[R/W] B,H,W -------- *3 TBYTE04[R/W] B,H,W 00000000 0015ACH BGR4[R/W] H,W 00000000 00000000 -/(ISMK4)[R/W] B,H,W -------- *2 -/(ISBA4)[R/W] B,H,W -------- *2 0015B0H FCR14[R/W] B,H,W 00-00100 FCR04[R/W] B,H,W -0000000 FBYTE24[R/W] B,H,W 00000000 FBYTE14[R/W] B,H,W 00000000 0015B4H | 001FFCH - - - - Reserved |