| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F587LD Fiches technique(PDF) 29 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F587LD Fiches technique(HTML) 29 Page - SPANSION |
|
29 / 177 page ![]() D at aS h ee t 26 MB91F587LA_DS705-00012-2v0-E, August 22, 2014 CONFIDENTIAL Type Circuit Remarks E Pull-up control Digital output CMOS hysteresis input Automotive input Standby control P-ch P-ch N-ch R • General-purpose I/O port • CMOS level output IOH=-2/-5mA, IOL=2/5mA • With 50 kΩ pull-up resistor control • CMOS hysteresis input (0.7Vcc/0.3Vcc) During standby, the input value retains the previous value. • Automotive input (0.8Vcc/0.5Vcc) During standby, the input value retains the previous value. F Pull-up control Digital output CMOS hysteresis input Automotive input Standby control Analog input P-ch P-ch N-ch R • With analog input, general-purpose I/O port • CMOS level output IOH=-2/-5mA, IOL=2/5mA • With 50 kΩ pull-up resistor control • CMOS hysteresis input (0.7Vcc/0.3Vcc) • Automotive input (0.8Vcc/0.5Vcc) |