| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F585LC Fiches technique(PDF) 100 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F585LC Fiches technique(HTML) 100 Page - SPANSION |
|
100 / 177 page ![]() D at aS h ee t August 22, 2014, MB91F587LA_DS705-00012-2v0-E 97 CONFIDENTIAL Address Address offset value/Register name Block +0 +1 +2 +3 001500H SCR0/(IBCR0) [R/W] B,H,W 0--00000 SMR0 [R/W] B,H,W 000000-0 SSR0 [R/W] B,H,W 0--00011 ESCR0/(IBSR0) [R/W] B,H,W 00000000 Multi Function Serial I/F 0 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I2C mode is not set immediately after reset *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 001504H -/(RDR10/(TDR10))[R/W] H,W -------- -------- *3 RDR00/(TDR00)[R/W] B,H,W -------0 00000000 *1 001508H SACSR0[R/W] B,H,W 0----000 00000000 STMR0[R] B,H,W 00000000 00000000 00150CH STMCR0[R/W] B,H,W 00000000 00000000 -/( SFUR0) [R/W] B,H,W -------- -------- *4 001510H - - -/( SFLR10) [R/W] B,H,W -------- *4 -/( SFLR00) [R/W] B,H,W -------- *4 001514H - - - - 001518H - - - - 00151CH BGR0[R/W] H,W 00000000 00000000 -/(ISMK0)[R/W] B,H,W -------- *2 -/(ISBA0)[R/W] B,H,W -------- *2 001520H FCR10[R/W] B,H,W 00-00100 FCR00 [R/W] B,H,W -0000000 FBYTE20 [R/W] B,H,W 00000000 FBYTE10 [R/W] B,H,W 00000000 001524H SCR1/(IBCR1) [R/W] B,H,W 0--00000 SMR1[R/W] B,H,W 000000-0 SSR1[R/W] B,H,W 0--00011 ESCR1/(IBSR1) [R/W] B,H,W 00000000 Multi Function Serial I/F 1 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I2C mode is not set immediately after reset *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 001528H -/(RDR11/(TDR11))[R/W] H,W -------- -------- *3 RDR01/(TDR01)[R/W] B,H,W -------0 00000000 *1 00152CH SACSR1[R/W] B,H,W 0----000 00000000 STMR1[R] B,H,W 00000000 00000000 001530H STMCR1[R/W] B,H,W 00000000 00000000 -/(SCSCR1/SFUR1) [R/W] B,H,W -------- -------- *3,*4 001534H -/(SCSTR31) [R/W] B,H,W -------- *3 -/(SCSTR21) [R/W] B,H,W -------- *3 -/(SCSTR11/SFLR1 1) [R/W] B,H,W -------- *3,*4 -/(SCSTR01/SFLR 01) [R/W] B,H,W -------- *3,*4 001538H - - - - 00153CH - - - TBYTE01[R/W] B,H,W 00000000 001540H BGR1[R/W] H,W 00000000 00000000 -/(ISMK1)[R/W] B,H,W -------- *2 -/(ISBA1)[R/W] B,H,W -------- *2 001544H FCR11[R/W] B,H,W 00-00100 FCR01[R/W] B,H,W -0000000 FBYTE21[R/W] B,H,W 00000000 FBYTE11[R/W] B,H,W 00000000 |