| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F585LC Fiches technique(PDF) 102 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F585LC Fiches technique(HTML) 102 Page - SPANSION |
|
102 / 177 page ![]() D at aS h ee t August 22, 2014, MB91F587LA_DS705-00012-2v0-E 99 CONFIDENTIAL Address Address offset value/Register name Block +0 +1 +2 +3 001590H SCR4/(IBCR4) [R/W] B,H,W 0--00000 SMR4 [R/W] B,H,W 000000-0 SSR4 [R/W] B,H,W 0--00011 ESCR4/(IBSR4) [R/W] B,H,W 00000000 Multi Function Serial I/F 4 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I2C mode is not set immediately after reset *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 001594H -/(RDR14/(TDR14))[R/W] H,W -------- -------- *3 RDR04/(TDR04)[R/W] B,H,W -------0 00000000 *1 001598H SACSR4[R/W] B,H,W 0----000 00000000 STMR4[R] B,H,W 00000000 00000000 00159CH STMCR4[R/W] B,H,W 00000000 00000000 -/(SCSCR4/SFUR4) [R/W] B,H,W -------- -------- *3,*4 0015A0H -/(SCSTR34) [R/W] B,H,W -------- *3 -/(SCSTR24) [R/W] B,H,W -------- *3 -/(SCSTR14/SFLR 14) [R/W] B,H,W -------- *3,*4 -/(SCSTR04/SFLR 04) [R/W] B,H,W -------- *3,*4 0015A4H - -/(SCSFR24)[R/W] B,H,W -------- *3 -/(SCSFR14)[R/W] B,H,W -------- *3 -/(SCSFR04)[R/W] B,H,W -------- *3 0015A8H -/(TBYTE34)[R/W] B,H,W -------- *3 -/(TBYTE24)[R/W] B,H,W -------- *3 -/(TBYTE14)[R/W] B,H,W -------- *3 TBYTE04[R/W] B,H,W 00000000 0015ACH BGR4[R/W] H,W 00000000 00000000 -/(ISMK4)[R/W] B,H,W -------- *2 -/(ISBA4)[R/W] B,H,W -------- *2 0015B0H FCR14[R/W] B,H,W 00-00100 FCR04[R/W] B,H,W -0000000 FBYTE24[R/W] B,H,W 00000000 FBYTE14[R/W] B,H,W 00000000 0015B4H | 001FFCH - - - - Reserved 002000H CTRLR0[R/W] B,H,W -------- 000-0001 STATR0[R/W] B,H,W -------- 00000000 CAN 0 64msb 002004H ERRCNT0 [R] B,H,W 00000000 00000000 BTR0[R/W] B,H,W -0100011 00000001 002008H INTR0[R] B,H,W 00000000 00000000 TESTR0[R/W] B,H,W -------- X00000-- 00200CH BRPER0[R/W] B,H,W -------- ----0000 - 002010H IF1CREQ0[R/W] B,H,W 0------- 00000001 IF1CMSK0[R/W] B,H,W -------- 00000000 002014H IF1MSK20[R/W] B,H,W 11-11111 11111111 IF1MSK10[R/W] B,H,W 11111111 11111111 002018H IF1ARB20[R/W] B,H,W 00000000 00000000 IF1ARB10[R/W] B,H,W 00000000 00000000 00201CH IF1MCTR0[R/W] B,H,W 00000000 0---0000 - 002020H IF1DTA10[R/W] B,H,W 00000000 00000000 IF1DTA20[R/W] B,H,W 00000000 00000000 002024H IF1DTB10[R/W] B,H,W 00000000 00000000 IF1DTB20[R/W] B,H,W 00000000 00000000 002028H, 00202CH - - 002030H, 002034H Reserved (IF1 data mirror) 002038H, 00203CH - - 002040H IF2CREQ0[R/W] B,H,W 0------- 00000001 IF2CMSK0[R/W] B,H,W -------- 00000000 |