Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9B320M Fiches technique(PDF) 19 Page - SPANSION

No de pièce MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Fiches technique(HTML) 19 Page - SPANSION

Back Button MB9B320M Datasheet HTML 15Page - SPANSION MB9B320M Datasheet HTML 16Page - SPANSION MB9B320M Datasheet HTML 17Page - SPANSION MB9B320M Datasheet HTML 18Page - SPANSION MB9B320M Datasheet HTML 19Page - SPANSION MB9B320M Datasheet HTML 20Page - SPANSION MB9B320M Datasheet HTML 21Page - SPANSION MB9B320M Datasheet HTML 22Page - SPANSION MB9B320M Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
D a t a S h e e t
16
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
 List of Pin Functions
 List of pin numbers
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
Pin No
Pin Name
I/O circuit
type
Pin state
type
LQFP-80
BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
1
B1
1
1
VCC
-
2
C1
2
2
P50
F
N
INT00_0
AIN0_2
SIN3_1
AN22
3
C2
3
3
P51
F
N
INT01_0
BIN0_2
SOT3_1
(SDA3_1)
AN23
4
B3
4
4
P52
F
N
INT02_0
ZIN0_2
SCK3_1
(SCL3_1)
AN24
5
D1
-
-
P53
E
L
SIN6_0
TIOA1_2
INT07_2
6
D2
-
-
P54
E
L
SOT6_0
(SDA6_0)
TIOB1_2
INT18_1
7
D3
-
-
P55
E
L
SCK6_0
(SCL6_0)
ADTG_1
INT19_1
8
E1
-
-
P56
E
L
INT08_2
9
E2
5
-
P30
F
N
AIN0_0
TIOB0_1
INT03_2
AN25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More