| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B320M Fiches technique(PDF) 13 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B320M Fiches technique(HTML) 13 Page - SPANSION |
|
13 / 113 page ![]() D a t a S h e e t 10 MB9B320M_DS706-00049-3v0-E, March 18, 2015 CONFIDENTIAL Pin Assignment FPT-80P-M37/M40 (TOP VIEW) VCC 1 60 P20/INT05_0/CROUT_0/AIN1_1 P50/AN22/INT00_0/AIN0_2/SIN3_1 2 59 P21/AN14/SIN0_0/INT06_1/BIN1_1/WKUP2 P51/AN23/INT01_0/BIN0_2/SOT3_1 3 58 P22/AN13/SOT0_0/TIOB7_1/ZIN1_1 P52/AN24/INT02_0/ZIN0_2/SCK3_1 4 57 P23/AN12/SCK0_0/TIOA7_1 P53/SIN6_0/TIOA1_2/INT07_2 5 56 P1B/AN11/SOT4_1/INT20_2/IC01_1 P54/SOT6_0/TIOB1_2/INT18_1 6 55 P1A/AN10/SIN4_1/INT05_1/IC00_1 P55/SCK6_0/ADTG_1/INT19_1 7 54 P19/AN09/SCK2_2 P56/INT08_2 8 53 P18/AN08/SOT2_2 P30/AN25/AIN0_0/TIOB0_1/INT03_2 9 52 AVRL P31/AN26/BIN0_0/TIOB1_1/SCK6_1/INT04_2 10 51 AVRH P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2 11 50 AVCC P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6 12 49 P17/AN07/SIN2_2/INT04_1 P39/DTTI0X_0/INT06_0/ADTG_2 13 48 P16/AN06/SCK0_1/INT15_0 P3A/RTO00_0/TIOA0_1/INT07_0/SUBOUT_2/RTCCO_2 14 47 P15/AN05/SOT0_1/INT14_0/IC03_2 P3B/RTO01_0/TIOA1_1 15 46 P14/AN04/SIN0_1/INT03_1/IC02_2 P3C/RTO02_0/TIOA2_1/INT18_2 16 45 AVSS P3D/RTO03_0/TIOA3_1 17 44 P12/AN02/SOT1_1/IC00_2 P3E/RTO04_0/TIOA4_1/INT19_2 18 43 P11/AN01/SIN1_1/INT02_1/FRCK0_2/WKUP1 P3F/RTO05_0/TIOA5_1 19 42 P10/AN00 VSS 20 41 VCC LQFP - 80 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |