| Moteur de recherche de fiches techniques de composants électroniques |
|
U.FL-R-SMT Fiches technique(PDF) 1 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
U.FL-R-SMT Fiches technique(HTML) 1 Page - Hirose Electric |
|
1 / 8 page ![]() 1 Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height U.FL Series 2003.9 U.FL-LP(V)-040 U.FL-LP-040 U.FL-LP-066 E.FL-LP-040 E.FL-LP-066 U.FL Series E.FL Series U.FL-LP-040 U.FL-LP-066 U.FL-LP(V)-040 U.FL-LP-062 U.FL-LP-088 U.FL-R-SMT U.FL-R-SMT U.FL-R-SMT U.FL-R-SMT U.FL-R-SMT sFeatures 1. Low Profile: 1.9mm or 2.4mm Nom. Mated Height Height from the circuit board is 2.0mm or 2.5mm maximum when a plug (right angle) is mated to a receptacle, which ranks with world’s smallest class. 2.Extremely Small Occupied Mounting Area In comparison with our SMT coaxial connectors E.FL series, the receptacle provides a reduction of approximately 18% of occupied mounting surface, which is only 7.7mm2. 3.Light Weight One of the world’s lightest coaxial connectors. Receptacle: 15.7mg 4.Applicable Up to 6 GHz Frequency To meet the frequency requirements of a wide variety of miniature equipment, these connectors offer high frequency performance from DC to 6 GHz. 5.Board placement with automatic equipment Supplied on tape-and-reel packaging. 6.Use of Ultra-fine Teflon Cable From among the types of applicable cable, dia. 0.81mm(single shielded) ultra-fine Teflon coaxial cable has been made a standard specification in construction area. Refer to the following pages for different cable types. 7.Simple Removal of Connector The extraction jig permits simple removal of connectors. 8.User Friendly Mating Operation Tactile lock feeling ensures engagement even with this small size. sApplications Mobile phones, Wireless LAN, Mini-PCI, Bluetooth, PDA, GPS, electronic measuring instruments, etc. Mated Height Comparison (With Hirose Product) qSpace Factor of Mated Connector Meets up to 6 GHz Requirement NEW NEW NEW |
Numéro de pièce similaire - U.FL-R-SMT |
|
Description similaire - U.FL-R-SMT |