Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U.FL-R-SMT Fiches technique(PDF) 6 Page - Hirose Electric

No de pièce U.FL-R-SMT
Description  Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT Fiches technique(HTML) 6 Page - Hirose Electric

  U.FL-R-SMT Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
sUsage Precautions
1. Plugs
(1) Connection/
disconnection of
connectors
(2) Permissible load on
the cable after
connector mating.
(3) Precautions
1) To disconnect connectors, hook the end portion of U.FL-LP-N-2 and U.FL-LP(V)-N-2 onto the connector cover and
pull off vertically in the direction of the connector mating axis.
1) To remove the connector directly, hold the connector cover and pull off
vertically in the direction of the connector mating axis.
(Please exercise caution so as not to injure fingertips or nails.)
2) To mate the connectors, the mating axes of both connectors are aligned
and the connectors are inserted as perpendicularly as possible.
Do not attempt to insert on an extreme angle.
After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the diagram
below.
Do NOT forcefully twist or deform wires.
(1) Recommended
temperature profile
(Reference)
1) The temperature profile indicates the board surface temperature at the point of contacts with the connector
terminals (for surface mounted receptacle).
2) The temperature profile will change depending on conditions which include such factors as the size of the board,
the solder used, and the solder thickness.
(3) Recommended screen
thickness
0.1 to 0.15 mm
(2) Recommended
manual soldering
(Reference)
Manual soldering: 350˚C for 5 seconds
2. Receptacles
U.FL-LP-040
2N max.
2N max.
4N max.
U.FL-R-SMT
Time
Preheating
(130 to 165
℃)
Within 2 minutes
40 to 50
seconds
Heating peak
240
℃ 3 seconds
183
℃
260
240
220
200
180
160
140
120
100
80
(
℃)
Extraction Jig
U.FL-R-SMT
U.FL Cable
Assembly



Html Pages

1 2 3 4 5 6 7 8