| Moteur de recherche de fiches techniques de composants électroniques |
|
SA7.0 Fiches technique(PDF) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SA7.0 Fiches technique(HTML) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
3 / 4 page ![]() Device Type Breakdown Voltage V(BR) (Volts)(NOTES 1) MIN MAX Test Current IT(mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage atVWM ID(NOTE3)( µA) Maximum Peak Pulse Reverse Current IPPM(NOTE2) (Amps) Maximum Clamping Voltage at IPPM Vc(Volts) Maximum Temperature Coefficient of V(BR) (mv/ C) ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted) SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 48.90 44.20 54.30 49.10 58.40 52.80 61.10 55.30 65.20 58.90 69.30 62.70 73.30 66.30 78.70 71.20 81.50 73.70 86.90 78.60 95.10 86.00 102.00 92.10 106.00 95.80 115.00 104.00 122.00 111.00 136.00 123.00 149.00 135.00 163.00 147.00 176.00 159.00 204.00 185.00 218.00 197.00 231.00 209.00 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.8 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 230.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.6 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 46.0 41.0 51.0 46.0 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 80.0 71.0 86.0 76.0 94.0 85.0 101 91.0 105 95.0 114 103 121 111 135 123 148 133 162 146 175 158 203 184 217 196 230 208 NOTES: 1.V(BR)measured after IT applied for 300 µs,IT=square wave pulse or equivalent 2.Surge current waveform per Fig.3 and derated per Fig.2 3.For bidirectional types having VWM of 10 volts and less,the ID limit is doubled 4.All items and symbols are consistent with ANSI/IEEE C62.35 |