| Moteur de recherche de fiches techniques de composants électroniques |
|
SA7.0 Fiches technique(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SA7.0 Fiches technique(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
2 / 4 page ![]() ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted) SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A Device Type Breakdown Voltage V(BR) (Volts)(NOTES 1) MIN MAX Test Current IT(mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage atVWM ID(NOTE3)( µA) Maximum Peak Pulse Reverse Current IPPM(NOTE2) (Amps) Maximum Clamping Voltage at IPPM Vc(Volts) Maximum Temperature Coefficient of V(BR) (mv/ C) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 38.00 34.40 40.70 36.80 44.90 40.60 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 52.1 54.3 43.9 48.5 40.7 44.7 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1 15.5 17.1 14.0 15.4 22.7 14.1 11.6 12.9 10.7 11.9 10.0 11.0 9.3 10.0 8.5 9.4 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0 39.0 |