Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MASW20000 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce MASW20000
Description  Very Broadband Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW20000 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW20000_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW20000_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW20000_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW20000_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW20000_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SPDT Switch
DC - 20 GHz
Rev. V5
MASW20000
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications3: TA = 25°C, Z0 = 50, +25°C
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
10 GHz
18 GHz
20 GHz
dB
dB
dB
1.4
1.75
2.0
1.7
2.1
2.5
Isolation
10 GHz
18 GHz
20 GHz
dB
dB
dB
50
42
40
59
49
47
VSWR
10 GHz
18 GHz
20 GHz
Ratio
Ratio
Ratio
1.6:1
1.8:1
2.0:1
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
2
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
ns
3
Transients
In-Band
mV
20
Input P1dB
0.5 - 20 GHz, 0 to -5 V
0.05 GHz, 0 to -5 V
dBm
dBm
25
18
IP2
Two Tone, +5 dBm/Tone, 5 MHz Spacing, >50 MHz
0.5 - 20 GHz
dBm
+59
IIP3
Two Tone, +5 dBm/Tone, 5 MHz Spacing, >50 MHz
0.5 - 20 GHz
0.05 GHz
dBm
dBm
+43
+27
Control Voltage
(Complementary Logic)
VIN Low, 0 to -0.2 V
VIN High, -5 V
µA
µA
5
50
3. All specifications apply with 50 Ω impedance connected to all RF ports, 0 and –5 VDC control voltages.
4. Loss changes 0.0025 dB/°C (From –55°C to +85°C).
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table 5,6
Control Inputs
Condition of Switch
A1/B2
A2/B1
RF1
RF2
VIN Hi
VIN Low
On
Off
VIN Low
VIN Hi
Off
On
5. VIN Low = 0 to –0.2 V, VIN Hi = -5V
6. For normal SPDT operation A1 is connected to B2 and A2 is
connected to B1.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com