Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS7166 Fiches technique(PDF) 11 Page - LSI Computer Systems

No de pièce LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Fiches technique(HTML) 11 Page - LSI Computer Systems

Back Button LS7166_08 Datasheet HTML 7Page - LSI Computer Systems LS7166_08 Datasheet HTML 8Page - LSI Computer Systems LS7166_08 Datasheet HTML 9Page - LSI Computer Systems LS7166_08 Datasheet HTML 10Page - LSI Computer Systems LS7166_08 Datasheet HTML 11Page - LSI Computer Systems LS7166_08 Datasheet HTML 12Page - LSI Computer Systems LS7166_08 Datasheet HTML 13Page - LSI Computer Systems LS7166_08 Datasheet HTML 14Page - LSI Computer Systems LS7166_08 Datasheet HTML 15Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
7166-110503-11
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
ALE
8051
80C31
74HC573
7166
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
1
19
18
2
12
Q8
WR/
RD/
D0
D1
D2
D3
D4
D5
D6
D7
C/D
CS/
WR/
RD/
19
NOTE: Port_0 is open drain output. Add pull-up resistors to all Port_0 i/0 lines.
FIGURE 9. 80C31/8051 TO LS7166 INTERFACE IN EXTERNAL ADDRESS MODE
D1
Q1
C
0C
1
D2
D3
D4
D5
D6
D7
D8
2
3
4
5
6
7
8
9
11
8
9
10
11
12
13
14
15
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19