| Moteur de recherche de fiches techniques de composants électroniques |
|
LS7166 Fiches technique(PDF) 18 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7166 Fiches technique(HTML) 18 Page - LSI Computer Systems |
|
18 / 19 page ![]() /* QR (Quadrature Register) */ /* Select QR */ #define QR(arg) (arg | 0xC0) /* Enable x4 Quadrature Mode */ #define En_x4QM 0x03 /* Enable x2 Quadrature Mode */ #define En_x2QM 0x02 /* Enable x1 Quadrature Mode */ #define En_x1QM 0x01 /* Disable Quadrature Mode */ #define Dis_QM 0x00 /************************************************************************/ /* Initialize 7166 */ void Init_7166(int Addr) /* Initialize 7166 as follows Do a Master Reset Set ICR as follows Set Input A = Up Count Set Input B = Down Count Disable Inputs A/B Enable Reset_CNTR input Enable Load_CNTR input Set OCCR – Normal Count Mode Disable QM Enable A and B Inputs */ void Init_7166(int Addr){ /* Master Reset */ outp(CTRLMODE(Addr), MCR(Rst_Master)); /* Set ICR */ outp(CTRLMODE(Addr), ICR(AUP_BDN + DisAB + RCNTR + LCNTR)); /* Set OCCR */ outp(CTRLMODE(Addr), OCCR(Nrml_Cnt)); /* Set QR */ outp(CTRLMODE(Addr), QR( Dis_QM)); /*Enable A and B inputs */ outp(CTRLMODE(Addr), ICR(EnAB)); } 7166-081507-18 |