Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP502 Fiches technique(PDF) 14 Page - Sipex Corporation

No de pièce SP502
Description  Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Fiches technique(HTML) 14 Page - Sipex Corporation

Back Button SP502 Datasheet HTML 10Page - Sipex Corporation SP502 Datasheet HTML 11Page - Sipex Corporation SP502 Datasheet HTML 12Page - Sipex Corporation SP502 Datasheet HTML 13Page - Sipex Corporation SP502 Datasheet HTML 14Page - Sipex Corporation SP502 Datasheet HTML 15Page - Sipex Corporation SP502 Datasheet HTML 16Page - Sipex Corporation SP502 Datasheet HTML 17Page - Sipex Corporation SP502 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
14
Figure 7. Mode Diagram — RS-232
RD(a) 70
RxD 1
MODE: RS-232
DRIVER
RECEIVER
TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0
RT(a) 37
RxC 20
13 DTR
58 TR(a)
CS(a) 66
CTS 80
16 RTS
54 RS(a)
DM(a) 68
DSR 78
17 RL
47 RL(a)
RR(a) 35
DCD 19
24 LL
51 LL(a)
IC(a) 39
RI 21
15 TxC
42 ST(a)
6
ST/TT
63 TT(a)
RxT 79
0
0
1
0
0
0
1
0
14 TxD
61 SD(a)
ST/TT
ST
TT
RxT*
1
Enabled
Disabled
Active
0
Disabled
Enabled
Inactive
* TT driver must be disabled to allow TT(a) and TT(b)
to serve as receiver inputs.
* When the RxT receiver is active, TT(a) and TT(b) act
as receiver inputs. When the RxT receiver is inactive,
it cannot serve as a receiver since its inputs are internally
connected to the TT(a) and TT(b) driver outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32