| Moteur de recherche de fiches techniques de composants électroniques |
|
SP502 Fiches technique(PDF) 1 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP502 Fiches technique(HTML) 1 Page - Sipex Corporation |
|
1 / 32 page ![]() 1 Rev. 7/21/03 SP502 Multi-Mode Serial Transceiver © Copyright 2003 Sipex Corporation ■ Single-Chip Serial Transceiver Supports Industry-Standard ■ Software-Selectable Protocols: — RS-232 (V.28) — RS-422A (V.11, X.27) — RS-449 — RS-485 — V.35 — EIA-530 ■ Programmable Selection of Interface ■ +5V-Only Operation ■ Six (6) Drivers and Seven (7) Receivers ■ Surface Mount Packaging SP502 Charge Pump Receiver Decode Driver Decode Drivers Receivers DESCRIPTION… The SP502 is a highly integrated serial transceiver that allows software control of its interface modes. It offers hardware interface modes for RS-232 (V.28), RS-422A (V.11), RS-449, RS-485, V.35, and EIA-530. The SP502 is fabricated using low–power BiCMOS process technology, and incorporates a Sipex patented (5,306,954) charge pump allowing +5V only operation. SP502 Multi–Mode Serial Transceiver ® |
Numéro de pièce similaire - SP502 |
|
Description similaire - SP502 |