| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5907 Fiches technique(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5907 Fiches technique(HTML) 25 Page - Texas Instruments |
|
25 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 30-Mar-2016 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP5907UVE-3.3/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 D LP5907UVE-4.5/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 Z LP5907UVX-1.2/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 R LP5907UVX-1.8/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 S LP5907UVX-2.5/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 E LP5907UVX-2.8/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 U LP5907UVX-2.85/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 V LP5907UVX-3.0/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 B LP5907UVX-3.1/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 X LP5907UVX-3.2/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 C LP5907UVX-3.3/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 D LP5907UVX-4.5/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 Z LP5907UVX19/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 8 LP5907UVX37/NOPB ACTIVE DSBGA YKE 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 9 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |