| Moteur de recherche de fiches techniques de composants électroniques |
|
CD4034BC Fiches technique(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CD4034BC Fiches technique(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 12 page ![]() Truth Table ‘‘A’’ Enable PS AB AS Mode Operation 0 0 0 X Serial Synchronous Serial data input A- and B-Parallel data outputs disabled 0 0 1 X Serial Synchronous Serial data input B-Parallel data output 0 1 0 0 Parallel B Synchronous Parallel data inputs A-Parallel data outputs disabled 0 1 0 1 Parallel B Asynchronous Parallel data inputs A-Parallel data outputs disabled 0 1 1 0 Parallel A-Parallel data inputs disabled B-Parallel data outputs synchronous data recirculation 0 1 1 1 Parallel A-Parallel data inputs disabled B-Parallel data outputs asynchronous data recirculation 1 0 0 X Serial Synchronous Serial data input A-Parallel data output 1 0 1 X Serial Synchronous Serial data input B-Parallel data output 1 1 0 0 Parallel B Synchronous Parallel data input A-Parallel data output 1 1 0 1 Parallel B Asynchronous Parallel data input A-Parallel data output 1 1 1 0 Parallel A Synchronous Parallel data input B-Parallel data output 1 1 1 1 Parallel A Asynchronous Parallel data input B-Parallel data output X e Don’t Care For synchronous operation (serial mode or when AS e 0 in parallel mode) outputs change state at positive transition of the clock 10 |