Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4034BC Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CD4034BC
Description  8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4034BC Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button CD4034BC Datasheet HTML 4Page - National Semiconductor (TI) CD4034BC Datasheet HTML 5Page - National Semiconductor (TI) CD4034BC Datasheet HTML 6Page - National Semiconductor (TI) CD4034BC Datasheet HTML 7Page - National Semiconductor (TI) CD4034BC Datasheet HTML 8Page - National Semiconductor (TI) CD4034BC Datasheet HTML 9Page - National Semiconductor (TI) CD4034BC Datasheet HTML 10Page - National Semiconductor (TI) CD4034BC Datasheet HTML 11Page - National Semiconductor (TI) CD4034BC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications (Continued)
Shift RightShift Left with Parallel Inputs
TLF5963 – 15
Shift left input must be disabled during parallel entry
A ‘‘High’’ (‘‘Low’’) on the Shift LeftShift Right input allows
serial data on the Shift Left Input (Shift Right Input) to enter
the register on the positive transition of the clock signal A
‘‘high’’ on the ‘‘A’’ Enable Input disables the ‘‘A’’ parallel
data lines on Registers 1 and 2 and enables the ‘‘A’’ data
lines on Registers 3 and 4 and allows parallel data into Reg-
isters 1 and 2 Other logic schemes may be used in place of
registers 3 and 4 for parallel loading
When parallel inputs are not used Registers 3 and 4 and
associated logic are not required
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12