Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT64BS1X433ZPC Fiches technique(PDF) 19 Page - Aeroflex Circuit Technology

No de pièce UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Fiches technique(HTML) 19 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
UT64BS1X433 Matrix-A: SMD
Lead Finish: (NOTE 1)
(C) = Gold
Case Outline: (NOTE 2)
(X) = 400-Ceramic Land Grid Array Package
Screening Level:
(Q) = QML Class Q
(V) = QML Class V
Device Type:
(01) = UT64BS1X433 (Temperature range: -55oC to +125oC)
Drawing Number:
TBD
Total Dose:
(R) = 1E5 rad(Si)
(F) = 3E5 rad(Si)
Federal Stock Class Number: No Options
5962
-
XXXXX
**
*
*
*
Notes:
1. Lead finish is “C” (gold) only.
2. Aeroflex offers Column Attachment as an additional service for the Ceramic Column Grid Array (Case outline "S"). If needed, please ask for
COLUMN ATTACHMENT when submitting your request for quotation.
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20