Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT64BS1X433ZPC Fiches technique(PDF) 6 Page - Aeroflex Circuit Technology

No de pièce UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Fiches technique(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
CS1[6]
O
T9
Bank 1 chip select 6. Asserted when xSEL[2:0] = 110b.
CS1[7]
O
V10
Bank 1 chip select 7. Asserted when xSEL[2:0] = 111b.
CS2[0]
O
Y5
Bank 2 chip select 0. Asserted when xSEL[2:0] = 000b.
CS2[1]
O
V8
Bank 2 chip select 1. Asserted when xSEL[2:0] = 001b.
CS2[2]
O
Y3
Bank 2 chip select 2. Asserted when xSEL[2:0] = 010b.
CS2[3]
O
V3
Bank 2 chip select 3. Asserted when xSEL[2:0] = 011b.
CS2[4]
O
Y9
Bank 2 chip select 4. Asserted when xSEL[2:0] = 100b.
CS2[5]
O
R8
Bank 2 chip select 5. Asserted when xSEL[2:0] = 101b.
CS2[6]
O
U9
Bank 2 chip select 6. Asserted when xSEL[2:0] = 110b.
CS2[7]
O
T6
Bank 2 chip select 7. Asserted when xSEL[2:0] = 111b.
CS3[0]
O
Y7
Bank 3 chip select 0. Asserted when xSEL[2:0] = 000b.
CS3[1]
O
W7
Bank 3 chip select 1. Asserted when xSEL[2:0] = 001b.
CS3[2]
O
W3
Bank 3 chip select 2. Asserted when xSEL[2:0] = 010b.
CS3[3]
O
W10
Bank 3 chip select 3. Asserted when xSEL[2:0] = 011b.
CS3[4]
O
Y8
Bank 3 chip select 4. Asserted when xSEL[2:0] = 100b.
CS3[5]
O
T8
Bank 3 chip select 5. Asserted when xSEL[2:0] = 101b.
CS3[6]
O
T10
Bank 3 chip select 6. Asserted when xSEL[2:0] = 110b.
CS3[7]
O
T7
Bank 3 chip select 7. Asserted when xSEL[2:0] = 111b.
XIN[0]
I
T14
Buffered input X[0]
XIN[1]
I
R6
Buffered input X[1]
YIN[0]
I
N11
Buffered input Y[0]
YIN[1]
I
V6
Buffered input Y[1]
XOUT[0]
O
U14
Bit 0 of buffered output X
XOUT[1]
O
T15
Bit 1 of buffered output X
XOUT[2]
O
P12
Bit 2 of buffered output X
XOUT[3]
O
U13
Bit 3 of buffered output X
YOUT[0]
O
N12
Bit 0 of buffered output Y
YOUT[1]
O
P11
Bit 1 of buffered output Y
YOUT[2]
O
M12
Bit 2 of buffered output Y
YOUT[3]
O
R11
Bit 3 of buffered output Y
Pin Name
Direction
Pin
Number
Description
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20