Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT54ACTS899 Fiches technique(PDF) 16 Page - Aeroflex Circuit Technology

No de pièce UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Fiches technique(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 14Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 15Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 16Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
ORDERING INFORMATION
UT54ACTS899: SMD
5962
*
06240
**
*
*
*
Lead Finish: (Notes 1 & 2)
(A) = Solder
(C) = Gold
(X)= Factory Option (Gold or Solder)
Case Outline:
(X) = 28-Lead BB Ceramic Flatpack
Class Designator:
(Q) = QML Class Q
(V) = QML Class V
Device Types:
(01) = 9-bit latchable Transceiver with Parity Generator/Checker
Drawing Number: 06240
Total Dose: (Note 3)
(R) = 1E5 rads(Si)
Federal Stock Class Designator: No Options
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an "X" is specified when ordering, then the part marking will match the lead finish and will be either "A" (solder) or "C" (gold).
3. Total dose radiation must be specified when ordering. QML-Q and QML-V are not available without radiation hardening. For prototyping inquiries, contact fac-
tory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17