| Moteur de recherche de fiches techniques de composants électroniques |
|
UT700 Fiches technique(PDF) 12 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 Fiches technique(HTML) 12 Page - Aeroflex Circuit Technology |
|
12 / 46 page ![]() 12 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel PCI_AD[7] PCI-I/O W3 high-z Bit 7 of PCI address and data bus PCI_AD[8] PCI-I/O V2 high-z Bit 8 of PCI address and data bus PCI_AD[9] PCI-I/O V3 high-z Bit 9 of PCI address and data bus PCI_AD[10] PCI-I/O U1 high-z Bit 10 of PCI address and data bus PCI_AD[11] PCI-I/O U2 high-z Bit 11 of PCI address and data bus PCI_AD[12] PCI-I/O U3 high-z Bit 12 of PCI address and data bus PCI_AD[13] PCI-I/O T1 high-z Bit 13 of PCI address and data bus PCI_AD[14] PCI-I/O R2 high-z Bit 14 of PCI address and data bus PCI_AD[15] PCI-I/O R1 high-z Bit 15 of PCI address and data bus PCI_AD[16] PCI-I/O J1 high-z Bit 16 of PCI address and data bus PCI_AD[17] PCI-I/O K2 high-z Bit 17 of PCI address and data bus PCI_AD[18] PCI-I/O K1 high-z Bit 18 of PCI address and data bus PCI_AD[19] PCI-I/O G1 high-z Bit 19 of PCI address and data bus PCI_AD[20] PCI-I/O H3 high-z Bit 20 of PCI address and data bus PCI_AD[21] PCI-I/O H2 high-z Bit 21 of PCI address and data bus PCI_AD[22] PCI-I/O F1 high-z Bit 22 of PCI address and data bus PCI_AD[23] PCI-I/O F2 high-z Bit 23 of PCI address and data bus PCI_AD[24] PCI-I/O E1 high-z Bit 24 of PCI address and data bus PCI_AD[25] PCI-I/O E2 high-z Bit 25 of PCI address and data bus PCI_AD[26] PCI-I/O F3 high-z Bit 26 of PCI address and data bus PCI_AD[27] PCI-I/O D1 high-z Bit 27 of PCI address and data bus PCI_AD[28] PCI-I/O D2 high-z Bit 28 of PCI address and data bus PCI_AD[29] PCI-I/O E3 high-z Bit 29 of PCI address and data bus PCI_AD[30] PCI-I/O D3 high-z Bit 30 of PCI address and data bus PCI_AD[31] PCI-I/O C1 high-z Bit 31 of PCI address and data bus Pin Name Direction Pin Number Reset Value Description 484 CLGA |