| Moteur de recherche de fiches techniques de composants électroniques |
|
UT700 Fiches technique(PDF) 11 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 Fiches technique(HTML) 11 Page - Aeroflex Circuit Technology |
|
11 / 46 page ![]() 11 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.13 UART Interface 2.14 PCI Address and Data Bus SPW_TXS[1] O B14 low SpaceWire transmit strobe SPW_TXD[1] O B13 low SpaceWire transmit data SPW_RXS[2] I A9 -- SpaceWire receive strobe SPW_RXD[2] I A8 -- SpaceWire receive data SPW_TXS[2] O B9 low SpaceWire transmit strobe SPW_TXD[2] O B8 low SpaceWire transmit data SPW_RXS[3] I A7 -- SpaceWire receive strobe SPW_RXD[3] I A6 -- SpaceWire receive data SPW_TXS[3] O B7 low SpaceWire transmit strobe SPW_TXD[3] O B6 low SpaceWire transmit data Pin Name Direction Pin Number Reset Value Description 484 CLGA RXD I C12 -- UART receive data TXD O C11 high UART transmit data Pin Name Direction Pin Number Reset Value Description 484 CLGA PCI_AD[0] PCI-I/O AA2 high-z Bit 0 of PCI address and data bus PCI_AD[1] PCI-I/O AA3 high-z Bit 1 of PCI address and data bus PCI_AD[2] PCI-I/O Y1 high-z Bit 2 of PCI address and data bus PCI_AD[3] PCI-I/O Y2 high-z Bit 3 of PCI address and data bus PCI_AD[4] PCI-I/O Y3 high-z Bit 4 of PCI address and data bus PCI_AD[5] PCI-I/O W1 high-z Bit 5 of PCI address and data bus PCI_AD[6] PCI-I/O W2 high-z Bit 6 of PCI address and data bus Pin Name Direction Pin Number Reset Value Description 484 CLGA |