| Moteur de recherche de fiches techniques de composants électroniques |
|
EX77424-R0RC Fiches technique(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX77424-R0RC Fiches technique(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 6 page ![]() EX77000 Series www.EtherWAN.com 1 rev. A4 Overview EtherWAN’s EX77000 Series provides a Hardened Fully Managed 28-port switching platform combining high performance switching backbone with robust and secure management features required for mission critical and harsh environments where sustained connectivity is crucial. The EX77000 Series is equipped with twenty-four 10/100BASE Fast Ethernet ports, in combination with up to four Gigabit, Fixed Fiber, or SFP Combo port options. Mountable on a 1U rack, the EX77000 Series is equipped with EtherWAN’s Alpha- Ring self-healing technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption. Users are able to access management features such as port security, IGMP snooping, VLANs, GARP protocols, LACP, and via web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces. EtherWAN — "When Connectivity is Crucial." Spotlight •VersatileConnectivity ◦ Provides flexibility of 24-port 10/100BASE-TX/FX/BX/SFP plus 4-port Gigabit-TX/SX/LX/BX/SFP •HardenedGrade ◦ Wide operating temperature range for extreme environments ◦ Fanless and ruggedized housing ◦ High shock and electric noise immunity •SecureRemoteAccess ◦ IEEE802.1x, ACL(Access Control List), and RADIUS support EX77000Series HardenedManaged24-port10/100BASEand4-portGigabit EthernetSwitchwithSFPoptions NEMA TS2 |
Numéro de pièce similaire - EX77424-R0RC |
|
Description similaire - EX77424-R0RC |