| Moteur de recherche de fiches techniques de composants électroniques |
|
EX77424-R0RC Fiches technique(PDF) 4 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX77424-R0RC Fiches technique(HTML) 4 Page - Axiomtek Co., Ltd. |
|
4 / 6 page ![]() EX77000 Series www.EtherWAN.com 4 rev. A4 Application Diagram Alpha-Ring < 15ms PLC EX61000A EX61000A EX61000A EX61000A PLC Fire Detecon System Exhaust Control System Exhaust Control System Speed Display IP Camera System Emergency Phone Dimensions 44.2mm (1.74”) 442mm (17.4”) Back Top Side Front The EX77000 utilized in an intelligent tunnel solution EX71000 EX71000 EX71000 EX71000 |