| Moteur de recherche de fiches techniques de composants électroniques |
|
VX6953CB Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 107 page ![]() 8209023 Rev 5 103/107 VX6953CB Ordering information 15 Ordering information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 63. Device summary Order code Package Packing VX6953CBQ05I/1 SMIA65 Tape and reel VX6953CBG05I/1 SMIA65 Tape and reel |