Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VX6953CB Fiches technique(PDF) 102 Page - STMicroelectronics

No de pièce VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Fiches technique(HTML) 102 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 98Page - STMicroelectronics VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics VX6953CB Datasheet HTML 101Page - STMicroelectronics VX6953CB Datasheet HTML 102Page - STMicroelectronics VX6953CB Datasheet HTML 103Page - STMicroelectronics VX6953CB Datasheet HTML 104Page - STMicroelectronics VX6953CB Datasheet HTML 105Page - STMicroelectronics VX6953CB Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 107 page
background image
Mechanical
VX6953CB
102/107
8209023 Rev 5
14.2
Inner box labelling
The labelling follows the ST standard packing acceptance specification.
The information on the inner box label is as follows:
•
Assembly site
•
Sales type (VX6953CBQ05I/1 or VX6953CBG05I/1)
•
Quantity
•
Trace code
•
Marking
•
Bulk ID number
14.3
Packing
The VX6953CB packing will be tape and reel. ST will use a 13” reel and a full reel will
contain 600 pieces. Orders must be a multiple of the appropriate number with the minimum
order size being one full reel.
For detailed drawings, request the VX6953CB tape and reel specification documents.
14.4
Module outline
For details of the mechanical specification for the VX6953CB can be found in the outline
drawings available on request from STMicroelectronics.
Table 62. Outline drawing information
Sales type
Outline drawing reference
VX6953CBQ05I/1
ADCS 8253333
VX6953CBG05I/1
ADCS 8289386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More