Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VX6953CB Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 43Page - STMicroelectronics VX6953CB Datasheet HTML 44Page - STMicroelectronics VX6953CB Datasheet HTML 45Page - STMicroelectronics VX6953CB Datasheet HTML 46Page - STMicroelectronics VX6953CB Datasheet HTML 47Page - STMicroelectronics VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics VX6953CB Datasheet HTML 50Page - STMicroelectronics VX6953CB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
8209023 Rev 5
47/107
VX6953CB
Register map
4.24
Manufacturer specific registers - Clipper 1 [0x31E8 to
0x31EB]
By default, black level is 64. The end user can remove or modify it if needed to get the
maximum output depth.
Table 32. Manufacturer specific registers [0x31E8 to 0x31EB]
Index
Byte
Register name
Data type Default Type
Comment
0x31E8
ENABLE
8UI
01
RW
Clipper 1
If set to 0: disabled
If set to 1: enabled
0x31EA Hi
OFFSET_REQ
16SI
00.20
RW Clipper offset request (Signed bit)
0x31EB Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More