| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6663CB Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CB Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 64 page ![]() Doc ID026749 Rev 2 19/64 VS6663CB Functional description 47 Figure 9. VS6663CB power-down sequence for CSI-2 mode EXTCLK (Free running) EXTCLK (Gated) CCI CLK+/- DATA+/- EXTCLK may be free running or gated Configure device t8 High-Speed TX t11 t10 VDIG XSHUTDOWN High-Speed TX Stop streaming VANA This is an example of VANA falling after VDIG LP11 t9 LP11 CSI output is disabled after XSHUTDOWN=0 or clock is stopped |