| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6663CB Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CB Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 64 page ![]() Device pinout VS6663CB 12/64 Doc ID026749 Rev 2 6 SDA I/O Serial communication data Data 8 CLK- SubLVDS output Output qualifying clock 9 CLK+ SubLVDS output Output qualifying clock 11 DATA- SubLVDS output Serial output data 12 DATA+ SubLVDS output Serial output data ST test TP ST test pins Do not connect(3) 1. No connection should be made to VCAP. 2. Signal is active low. 3. Test pins are not floating. Table 4. Pin description (continued) Pad number Pad name I/O type Description |