Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH7100ASTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce VNH7100ASTR
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100ASTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button VNH7100ASTR Datasheet HTML 18Page - STMicroelectronics VNH7100ASTR Datasheet HTML 19Page - STMicroelectronics VNH7100ASTR Datasheet HTML 20Page - STMicroelectronics VNH7100ASTR Datasheet HTML 21Page - STMicroelectronics VNH7100ASTR Datasheet HTML 22Page - STMicroelectronics VNH7100ASTR Datasheet HTML 23Page - STMicroelectronics VNH7100ASTR Datasheet HTML 24Page - STMicroelectronics VNH7100ASTR Datasheet HTML 25Page - STMicroelectronics VNH7100ASTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Application information
VNH7100AS
22/38
DocID028092 Rev 4
3
Application information
Here following there is the typical application schematic suggested for a proper operation of
the device in DC or PWM conditions.
Figure 15. Application schematic with reverse battery protection connected to Vbatt
Figure 16. Application schematic with reverse battery protection connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38