| Moteur de recherche de fiches techniques de composants électroniques |
|
VNH7100ASTR Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7100ASTR Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 38 page ![]() Electrical specifications VNH7100AS 18/38 DocID028092 Rev 4 Table 11. Operative condition - truth table Pin status HSDs and LDSs Status INA INB SEL0 PWM CS HSDA LSDA HSDB LSDB 11 1 x Current Monitoring HSDA On Off On Off 0 Current Monitoring HSDB 10 1 1 Current Monitoring HSDA On Off Off On 0 On Off Off Off 10 0 1 Hi-Z On Off Off On 0 On Off Off Off 01 1 1 Hi-Z Off On On Off 0Off Off On Off 01 0 1 Current Monitoring HSDB Off On On Off 0Off Off On Off 00 1 1 Hi-Z Off On Off On 0 00 1 0x(1) Off Off Off Off 0(2) Off Off Off Off 1. Refer to Table 13: Off-state - truth table 2. For INA =INB=SEL0 = PWM = 0, the device enters in standby after tD_STBY Table 12. On-state fault conditions - truth table INA INB SEL0 PWM OutA OutB CS Fault description On state diagnostic 00 0 1 X H VSENSEH Short to VBATT on Leg B 00 1 1 H X VSENSEH Short to VBATT on Leg A 01 0 X X L VSENSEH Out B short to GND 01 1 1 H H VSENSEH Out A short to VCC 10 0 1 H H VSENSEH Out B short to VCC 10 1 X L L VSENSEH Out A short to GND 11 0 X X L VSENSEH Short to GND on Leg B 11 1 X L X VSENSEH Short to GND on Leg A |