| Moteur de recherche de fiches techniques de composants électroniques |
|
VD5377CBGP Fiches technique(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CBGP Fiches technique(HTML) 79 Page - STMicroelectronics |
|
79 / 88 page ![]() Doc ID 022952 Rev 2 79/88 VD5377 I2C register map 51 CONTROL dmib_ctrl_mode 0 RW 00 DMIB controller timing switch mode 0 = Manual (chosen by dmib_timing reg) 1 = Automatic (system auto sets the dmib_timing mode, status reported in dmib_timing reg) dmib_timing 1 PRW 00 DMIB controller timing mode 0 = Normal DMIB timing (same as 376 with double expo time possible) 1 = Sunlight DMIB timing Reserved 7 PRW 00 Reserved 56 CDSOUT_SEL cds_out_sel 1:0 PRW 00 Selects what is output from the DMIB controller (going to motion engine and or video output data). 0 = CDS frame 2 = exposed frame 3 = black frame Reserved 4 PRW 00 Reserved 58 FRAMEDUMP_ PIXDATA framedump_pixdata 7:0 PR 00 Pixel data in frame dump mode, automatically incremented to next pixel after a read of this register. 59 FRAMEDUMP_CTRL framedump_en 0 PRW 00 Frame dump mode enable 0 = Disable 1 = Enable framedump_start 1 PR 00 Frame dump started framedump_ready 2 PR 00 Flag set when a frame is ready to be read by host, Pixel[0] is ready in register FRAMEDUMP_PIXDATA. framedump_done 3 PR 00 Flag set when a complete frame (400 pixels) has been read. pci_test_enable 4 PRW 00 Muxed PCI data onto pads (2 bits nibble + FST + Qclk) 0 = Disable 1 = Enable framedump_mire 7 PRW 00 In frame dump mode outputs a grey scale image (pixel_counter). Table 38. I2C register map (continued) Addr (Hex) Register name SIgnal name Bit Type Default (Hex) Comment |