| Moteur de recherche de fiches techniques de composants électroniques |
|
VD5377CBGP Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CBGP Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 88 page ![]() Doc ID 022952 Rev 2 69/88 VD5377 I2C register map 5 SYSTEM_CONFIG automatic_power_ mode 0PRW 01 Power mode scheme 0 = Manual 1 = Automatic motion_pin_polarity 2 PRW 00 MOTION pin polarity (in non IDLE system state) 0 = MOTION pin LOW when motion detected 1 = MOTION pin HIGH when motion detected host_config_done 3 PRW 00 Bit needs to be set by host when configured after power up. use_standby_pin 4 PRW 01 STANDBY pin is used as chip select to enable I2C in AUTO power mode and STANDBY pin is used to wake up the OSC/DVREG (in sleep states in auto power mode). 0 = STANDBY pin not used 1 = STANDBY pin is used system_state 7:5 RW 01 Legacy register - please use system_state (0x91) instead. 6 GPIO_I2CSEL0 gpio_i2csel0_en 0 PRW 01 I2CSEL0 output enable (active low) 0 = PAD configured as OUTPUT 1 = PAD configured as INPUT gpio_i2csel0_a 1 PRW 00 I2CSEL0 data output (when _en = 0) gpio_i2csel0_zi 2 PR 00 I2CSEL0 IO value gpio_i2csel0_pd 3 PRW 00 I2CSEL0 pull-down control (internal 35 kOhms pull-down resistor) - active LOW 0 = IO is pulled down 1 = IO not pulled down Table 38. I2C register map (continued) Addr (Hex) Register name SIgnal name Bit Type Default (Hex) Comment |