| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479AI Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AI Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 208 page ![]() Pinouts and pin description STM32F479xx 62/208 DocID028010 Rev 2 E9 E3 D15 125 144 D15 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, DCMI_D1, EVENTOUT - A13 F7 C15 126 145 C15 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, LCD_R4, EVENTOUT - A12 F6 B15 127 146 B15 PA12 I/O FT - TIM1_ETR, USART1_RTS, CAN1_TX, OTG_FS_DP, LCD_R5, EVENTOUT - A11 D1 A15 128 147 A15 PA13(JTMS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - D12 D2 F13 129 148 E11 VCAP2 S - - - - D11 C1 F12 130 149 F10 VSS S - - - - D10 C2 G13 131 150 F11 VDD S - - - - D9 B1 - - 151 E12 PH13 I/O FT - TIM8_CH1N, CAN1_TX, FMC_D21, LCD_G2, EVENTOUT - C13 D3 - - 152 E13 PH14 I/O FT - TIM8_CH2N, FMC_D22, DCMI_D4, LCD_G3, EVENTOUT - C12 E4 - - 153 D13 PH15 I/O FT - TIM8_CH3N, FMC_D23, DCMI_D11, LCD_G4, EVENTOUT - B13 E5 E14 132 154 E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS(6), FMC_D24, DCMI_D13, LCD_G5, EVENTOUT - C11 C3 D14 133 155 D14 PI1 I/O FT - SPI2_SCK/I2S2_CK(6), FMC_D25, DCMI_D8, LCD_G6, EVENTOUT - B12 A1 - NC (7) 156 C14 PI2 I/O FT - TIM8_CH4, SPI2_MISO, I2S2ext_SD, FMC_D26, DCMI_D9, LCD_G7, EVENTOUT - B10 B2 C13 134 157 C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, DCMI_D10, EVENTOUT - - - D9 135 - F9 VSS S - - - - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |