| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479AI Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AI Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 208 page ![]() DocID028010 Rev 2 61/208 STM32F479xx Pinouts and pin description 79 E12 G1 K13 113 132 N11 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - F11 G3 J15 114 133 J15 PG6 I/O FT - DCMI_D12, LCD_R7, EVENTOUT - E11 H6 J14 115 134 J14 PG7 I/O FT - SAI1_MCLK_A, USART6_CK, FMC_INT, DCMI_D13, LCD_CLK, EVENTOUT - D13 G6 H14 116 135 H14 PG8 I/O FT - SPI6_NSS, USART6_RTS, ETH_PPS_OUT, FMC_SDCLK, LCD_G7, EVENTOUT - G9 F2 G12 117 136 G10 VSS S - - - - G11 F1 H13 118 137 G11 VDDUSB S - - - - F9 F3 H15 119 138 H15 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDIO_D6, DCMI_D0, LCD_HSYNC, EVENTOUT - F10 G7 G15 120 139 G15 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDIO_D7, DCMI_D1, LCD_G6, EVENTOUT - E10 F4 G14 121 140 G14 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, USART6_CK, SDIO_D0, DCMI_D2, EVENTOUT - G10 F5 F14 122 141 F14 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, QUADSPI_BK1_IO0, SDIO_D1, DCMI_D3, EVENTOUT - D8 E1 F15 123 142 F15 PA8 I/O FT - MCO1, TIM1_CH1, I2C3_SCL, USART1_CK, OTG_FS_SOF, LCD_R6, EVENTOUT - E8 E2 E15 124 143 E15 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, DCMI_D0, EVENTOUT OTG_FS_VBU S Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |