Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL100N8F7 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STL100N8F7
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N8F7 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STL100N8F7 Datasheet HTML 6Page - STMicroelectronics STL100N8F7 Datasheet HTML 7Page - STMicroelectronics STL100N8F7 Datasheet HTML 8Page - STMicroelectronics STL100N8F7 Datasheet HTML 9Page - STMicroelectronics STL100N8F7 Datasheet HTML 10Page - STMicroelectronics STL100N8F7 Datasheet HTML 11Page - STMicroelectronics STL100N8F7 Datasheet HTML 12Page - STMicroelectronics STL100N8F7 Datasheet HTML 13Page - STMicroelectronics STL100N8F7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STL100N8F7
Package information
DocID027058 Rev 3
11/14
Figure 20
: PowerFLAT™ 5x6 recommended footprint (dimensions are in mm)
4.2
PowerFLAT™ 5x6 type C packing information
Figure 21: Powe
rFLAT™ 5x6 tape (dimensions are in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14