Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL100N8F7 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STL100N8F7
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100N8F7 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STL100N8F7 Datasheet HTML 5Page - STMicroelectronics STL100N8F7 Datasheet HTML 6Page - STMicroelectronics STL100N8F7 Datasheet HTML 7Page - STMicroelectronics STL100N8F7 Datasheet HTML 8Page - STMicroelectronics STL100N8F7 Datasheet HTML 9Page - STMicroelectronics STL100N8F7 Datasheet HTML 10Page - STMicroelectronics STL100N8F7 Datasheet HTML 11Page - STMicroelectronics STL100N8F7 Datasheet HTML 12Page - STMicroelectronics STL100N8F7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STL100N8F7
Package information
DocID027058 Rev 3
9/14
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
PowerFLAT™ 5x6 type C package information
Figure 19
: PowerFLAT™ 5x6 type C package outline
8231817_typeC_A0ER_Rev12
Bottom view
Side view
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14