| Moteur de recherche de fiches techniques de composants électroniques |
|
STBP110EUDJ6F Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBP110EUDJ6F Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 40 page ![]() STBP110 Typical operating characteristics Doc ID 018687 Rev 3 17/40 Figure 15. Startup to overvoltage (detail) 1. Output load is 5 Ω. Almost no glitch on the output. Figure 16. Soft-start performance for 10 μF capacitive load 1. Output load is 10 µF in parallel with 5 Ω. |