Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBP110EUDJ6F Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STBP110EUDJ6F
Description  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110EUDJ6F Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STBP110EUDJ6F Datasheet HTML 5Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 6Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 7Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 8Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 9Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 10Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 11Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 12Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
STBP110
Pin description
Doc ID 018687 Rev 3
9/40
Figure 3.
Block diagram
Figure 4.
Typical application circuit
1.
Optional resistors REN and RFLT prevent damage to the controller under extreme voltage or current conditions and are not
required. Low ESR ceramic capacitor C1 is necessary to ensure proper function of the STBP110. Capacitor C2 is not
necessary for STBP110 but may be required by the charger IC.
2.
The STBP110 MOSFET switch topology allows the current to flow also in a reverse direction, i.e. from OUT to IN, which
can be useful for powering external peripherals from the system connector. If the reverse current (supply current) is
undesirable, it may be prevented by connecting an external Schottky diode in series with the OUT pin. The voltage drop
between IN and the charger is then increased by the voltage drop across the diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40