Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS25HB Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics LPS25HB Datasheet HTML 34Page - STMicroelectronics LPS25HB Datasheet HTML 35Page - STMicroelectronics LPS25HB Datasheet HTML 36Page - STMicroelectronics LPS25HB Datasheet HTML 37Page - STMicroelectronics LPS25HB Datasheet HTML 38Page - STMicroelectronics LPS25HB Datasheet HTML 39Page - STMicroelectronics LPS25HB Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Register description
LPS25HB
36/40
DocID027112 Rev 2
Please note that when using the FIFO_MEAN_MODE it is not possible to access the FIFO
content.
8.19
FIFO_STATUS (2Fh)
FIFO status
Table 22. FIFO watermark selection
WTM_POINT[4:0]
FIFO_MEAN_MODE sample size
00001
2-sample moving average
00011
4-sample moving average
00111
8-sample moving average
01111
16-sample moving average
11111
32-sample moving average
76
54
32
1
0
FTH_FIFO
OVR
EMPTY_FIFO
FSS4
FSS3
FSS2
FSS1
FSS0
FTH_FIFO
FIFO threshold status.
(0: FIFO filling is lower than FTH level;
1: FIFO filling is equal or higher than FTH level).
OVR
Overrun bit status.
(0: FIFO not full;
1: FIFO is full and at least one sample in the FIFO has been overwritten).
EMPTY_FIFO
Empty FIFO bit status.
(0: FIFO not empty; 1: FIFO is empty).
FSS[5:0]
FIFO stored data level.
(00000: FIFO empty; 10000: FIFO is full and has 32 unread samples).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40