Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS3L45AF Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STPS3L45AF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L45AF Fiches technique(HTML) 5 Page - STMicroelectronics

  STPS3L45AF Datasheet HTML 1Page - STMicroelectronics STPS3L45AF Datasheet HTML 2Page - STMicroelectronics STPS3L45AF Datasheet HTML 3Page - STMicroelectronics STPS3L45AF Datasheet HTML 4Page - STMicroelectronics STPS3L45AF Datasheet HTML 5Page - STMicroelectronics STPS3L45AF Datasheet HTML 6Page - STMicroelectronics STPS3L45AF Datasheet HTML 7Page - STMicroelectronics STPS3L45AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID024949 Rev 2
5/8
STPS3L45AF
Package information
8
2
Package information
•
Epoxy meets UL94,V0
•
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. SMAflat (non-exposed pad) dimension definitions
Table 5. SMAflat (non-exposed pad) dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.95
0.088
0.116
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.155
0.181
L
0.75
1.50
0.029
0.059
L1
0.50
0.020
L2
0.50
0.020
c
L2x
D
A
L2 2x
L1 2x
b
EE1



Html Pages

1 2 3 4 5 6 7 8