Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746ZG Fiches technique(PDF) 196 Page - STMicroelectronics

No de pièce STM32F746ZG
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746ZG Fiches technique(HTML) 196 Page - STMicroelectronics

Back Button STM32F746ZG Datasheet HTML 192Page - STMicroelectronics STM32F746ZG Datasheet HTML 193Page - STMicroelectronics STM32F746ZG Datasheet HTML 194Page - STMicroelectronics STM32F746ZG Datasheet HTML 195Page - STMicroelectronics STM32F746ZG Datasheet HTML 196Page - STMicroelectronics STM32F746ZG Datasheet HTML 197Page - STMicroelectronics STM32F746ZG Datasheet HTML 198Page - STMicroelectronics STM32F746ZG Datasheet HTML 199Page - STMicroelectronics STM32F746ZG Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 227 page
background image
Package information
STM32F745xx STM32F746xx
196/227
DocID027590 Rev 4
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
LQFP100, 14 x 14 mm low-profile quad flat package
information
Figure 79. LQFP100, 14 x 14 mm 100-pin low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More