Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746ZG Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STM32F746ZG
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746ZG Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STM32F746ZG Datasheet HTML 51Page - STMicroelectronics STM32F746ZG Datasheet HTML 52Page - STMicroelectronics STM32F746ZG Datasheet HTML 53Page - STMicroelectronics STM32F746ZG Datasheet HTML 54Page - STMicroelectronics STM32F746ZG Datasheet HTML 55Page - STMicroelectronics STM32F746ZG Datasheet HTML 56Page - STMicroelectronics STM32F746ZG Datasheet HTML 57Page - STMicroelectronics STM32F746ZG Datasheet HTML 58Page - STMicroelectronics STM32F746ZG Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 227 page
background image
DocID027590 Rev 4
55/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
-
-
-
-
E4
13
13
F3
PI11
I/O FT
-
OTG_HS_ULPI_DIR,
EVENTOUT
WKUP6
-
-
E7
-
F2
14
14
F2
VSS
S
-
-
-
-
-
-
E10
-
F3
15
15
F4
VDD
S
-
-
-
-
-
-
F11
10
E216
16D2
PF0
I/O FT
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
-
-
E9
11
H3
17
17
E2
PF1
I/O FT
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
-
-
F10
12
H218
18G2
PF2
I/O FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
-
-
-
19
E3
PI12
I/O FT
-
LCD_HSYNC,
EVENTOUT
-
-
-
-
-
-
-
20
G3
PI13
I/O FT
-
LCD_VSYNC,
EVENTOUT
-
-
-
-
-
-
-
21
H3
PI14
I/O FT
-
LCD_CLK, EVENTOUT
-
-
-
G11
13
J2
19
22
H2
PF3
I/O FT
-
FMC_A3, EVENTOUT
ADC3_IN9
-
-
F9
14
J3
20
23
J2
PF4
I/O FT
-
FMC_A4, EVENTOUT
ADC3_IN14
-
-
F8
15
K3
21
24
K3
PF5
I/O FT
-
FMC_A5, EVENTOUT
ADC3_IN15
10
C2
H7
16
G2
22
25
H6
VSS
S
-
-
-
-
11
D2
-
17G323
26
H5
VDD
S
-
-
-
-
--
G10
18
K2
24
27
K2
PF6
I/O FT
-
TIM10_CH1, SPI5_NSS,
SAI1_SD_B, UART7_Rx,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_IN4
-
-
F7
19
K1
25
28
K1
PF7
I/O FT
-
TIM11_CH1, SPI5_SCK,
SAI1_MCLK_B,
UART7_Tx,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_IN5
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More