| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F746ZG Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZG Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 227 page ![]() DocID027590 Rev 4 61/227 STM32F745xx STM32F746xx Pinouts and pin description 88 41 H6 K4 64 P10 74 85 P10 PE11 I/O FT - TIM1_CH2, SPI4_NSS, SAI2_SD_B, FMC_D8, LCD_G3, EVENTOUT - 42 J6 L4 65 R10 75 86 R10 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, SAI2_SCK_B, FMC_D9, LCD_B4, EVENTOUT - 43 K6 N4 66 N11 76 87 R12 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SAI2_FS_B, FMC_D10, LCD_DE, EVENTOUT - 44 G7 M4 67 P11 77 88 P11 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, SAI2_MCK_B, FMC_D11, LCD_CLK, EVENTOUT - 45 H7 L3 68 R11 78 89 R11 PE15 I/O FT - TIM1_BKIN, FMC_D12, LCD_R7, EVENTOUT - 46 J7 M3 69 R12 79 90 P12 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, OTG_HS_ULPI_D3, ETH_MII_RX_ER, LCD_G4, EVENTOUT - 47 K7 N3 70 R13 80 91 R13 PB11 I/O FT - TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, ETH_MII_TX_EN/ETH_R MII_TX_EN, LCD_G5, EVENTOUT - 48 F8 N2 71 M10 81 92 L11 VCAP_1 S - - - - 49 - H2 - - - 93 K9 VSS S - - - - 50 - J6 72 N10 82 94 L10 VDD S - - - - - - - - - - 95 M14 PJ5 I/O FT - LCD_R6, EVENTOUT - -- - - M11 83 96 P13 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, ETH_MII_RXD2, FMC_SDNE1, DCMI_D8, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |