| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F746NE Fiches technique(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746NE Fiches technique(HTML) 71 Page - STMicroelectronics |
|
71 / 227 page ![]() DocID027590 Rev 4 71/227 STM32F745xx STM32F746xx Pinouts and pin description 88 95 B4 A9 139 A5 167 198 A7 PB8 I/O FT - TIM4_CH3, TIM10_CH1, I2C1_SCL, CAN1_RX, ETH_MII_TXD3, SDMMC1_D4, DCMI_D6, LCD_B6, EVENTOUT - 96 A4 B9 140 B4 168 199 B4 PB9 I/O FT - TIM4_CH4, TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, CAN1_TX, SDMMC1_D5, DCMI_D7, LCD_B7, EVENTOUT - 97 D4 B10 141 A4 169 200 A6 PE0 I/O FT - TIM4_ETR, LPTIM1_ETR, UART8_Rx, SAI2_MCK_A, FMC_NBL0, DCMI_D2, EVENTOUT - 98 C4 A10 142 A3 170 201 A5 PE1 I/O FT - LPTIM1_IN2, UART8_Tx, FMC_NBL1, DCMI_D3, EVENTOUT - 99 E4 - - D5 - 202 F6 VSS S - - - - - F7 A11 143 C6 171 203 E5 PDR_ON S - - - - 100 F4 D7 144 C5 172 204 E7 VDD S - - - - - - - - D4 173 205 C3 PI4 I/O FT - TIM8_BKIN, SAI2_MCK_A, FMC_NBL2, DCMI_D5, LCD_B4, EVENTOUT - - - - - C4 174 206 D3 PI5 I/O FT - TIM8_CH1, SAI2_SCK_A, FMC_NBL3, DCMI_VSYNC, LCD_B5, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |