| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F746NE Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746NE Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 227 page ![]() Pinouts and pin description STM32F745xx STM32F746xx 54/227 DocID027590 Rev 4 4 D3 D9 4 B2 4 4 B1 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SAI1_SCK_A, FMC_A21, DCMI_D6, LCD_G0, EVENTOUT - 5 E3 E8 5 B3 5 5 B2 PE6 I/O FT - TRACED3, TIM1_BKIN2, TIM9_CH2, SPI4_MOSI, SAI1_SD_A, SAI2_MCK_B, FMC_A22, DCMI_D7, LCD_G1, EVENTOUT - - - - - - - - G6 VSS S - - - - -- - - - - - F5 VDD S - - - - 6B2 C11 6 C1 6 6C1 VBAT S - - - - - - - - D2 7 7 C2 PI8 I/O FT (2) (3) EVENTOUT RTC_TAMP2/ RTC_TS,WK UP5 7A2 D10 7 D1 8 8D1 PC13 I/O FT (2) (3) EVENTOUT RTC_TAMP1/ RTC_TS/RTC _OUT,WKUP 4 8A1 D11 8 E1 9 9 E1 PC14- OSC32_I N(PC14) I/O FT (2) (3) EVENTOUT OSC32_IN 9B1 E11 9 F1 10 10 F1 PC15- OSC32_ OUT(PC 15) I/O FT (2) (3) EVENTOUT OSC32_OUT -- - - - - - G5 VDD S - - - - - - - - D3 11 11 E4 PI9 I/O FT - CAN1_RX, FMC_D30, LCD_VSYNC, EVENTOUT - - - - - E3 12 12 D5 PI10 I/O FT - ETH_MII_RX_ER, FMC_D31, LCD_HSYNC, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |