| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F401 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 135 page ![]() Pinouts and pin description STM32F401xD STM32F401xE 42/135 DocID025644 Rev 3 - - 39 65 E10 PC8 I/O FT - USART6_CK, TIM3_CH3, SDIO_D0, EVENTOUT - - - 40 66 D12 PC9 I/O FT - I2S_CKIN, I2C3_SDA, TIM3_CH4, SDIO_D1, MCO_2, EVENTOUT - 29 D1 41 67 D11 PA8 I/O FT - I2C3_SCL, USART1_CK, TIM1_CH1, OTG_FS_SOF, MCO_1, EVENTOUT - 30 D2 42 68 D10 PA9 I/O FT - I2C3_SMBA, USART1_TX, TIM1_CH2, EVENTOUT OTG_FS_VBUS 31 C2 43 69 C12 PA10 I/O FT - USART1_RX, TIM1_CH3, OTG_FS_ID, EVENTOUT - 32 C1 44 70 B12 PA11 I/O FT - USART1_CTS, USART6_TX, TIM1_CH4, OTG_FS_DM, EVENTOUT - 33 C3 45 71 A12 PA12 I/O FT - USART1_RTS, USART6_RX, TIM1_ETR, OTG_FS_DP, EVENTOUT - 34 B3 46 72 A11 PA13 (JTMS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - -- - 73 C11 VCAP2 S - - - - 35 B1 47 74 F11 VSS S - - - - 36 - 48 75 G11 VDD S - - - - -B2 - - - VDD S - - - - 37 A1 49 76 A10 PA14 (JTCK- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 38 A2 50 77 A9 PA15 (JTDI) I/O FT - JTDI, SPI1_NSS, SPI3_NSS/I2S3_WS, TIM2_CH1/TIM2_ETR, JTDI, EVENTOUT - - - 51 78 B11 PC10 I/O FT - SPI3_SCK/I2S3_CK, SDIO_D2, EVENTOUT - - - 52 79 C10 PC11 I/O FT - I2S3ext_SD, SPI3_MISO, SDIO_D3, EVENTOUT - - - 53 80 B10 PC12 I/O FT - SPI3_MOSI/I2S3_SD, SDIO_CK, EVENTOUT - - - - 81 C9 PD0 I/O FT - EVENTOUT - Table 8. STM32F401xD/xE pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |